PART |
Description |
Maker |
24C04A-I/SN 24C04A-I/SM 24C04A-I/SL 24C04AT-I/SL 2 |
Silicon Serial Number I2C Serial EEPROM I2C串行EEPROM
|
Coilcraft, Inc.
|
DS2411 DS2411X |
Silicon Serial Number with Vcc Input
|
Maxim Integrated Products
|
DS1990A DS1990A-F3 DS1990A-F5 |
Serial Number iButton
|
Maxim Integrated Products
|
DCF015 |
; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BYW27-800 BYW27-100 BYW27-200 BYW27-400 BYW27-50 B |
SILICON RECTIFIERS Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Paired Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Capacitance:13pF/ft; Conductor Material:Copper; Impedance:110ohm RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
IN74HC166A IN74HC166AD IN74HC166AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK74HC166A KK74HC166AD KK74HC166AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
IN74HC165AD IN74HC165AN IN74HC165A |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
IN74HC595AD IN74HC595AN IN74HC595A |
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
1585278 |
Contact insert, number of positions: 4 PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm2 ... 1.5 mm2
|
PHOENIX CONTACT
|
HCS201 HCS20111 |
KEELOQ? Code Hopping Encoder 34-bit fixed code (28-bit serial number
|
Microchip Technology
|